PART |
Description |
Maker |
24101 24100 24S101 24S100 24680 24220 24S6R8 2400 |
IC CODEC SPKRPHONE 2CH 20-SOIC 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD Bobbin Wound Surface Mount Inductors 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Receiver IC; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes Receiver IC; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes :108GHz; Frequency Min:8GHz; Leaded Process Compatible:No; No. of Channels:2 RoHS Compliant: Yes ; Frequency Min:8GHz; Interface Type:Serial; Leaded Process Compatible:No RoHS Compliant: No A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:4000SPS; Input Channels Per ADC:2; Input Channel Type:Differential; Data Interface:Serial Full Duplex Analog to Analog Spkrphone Codec -free Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:96GHz; Leaded Process Compatible:Yes; No. of Receivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes BobbinWoundSurfaceMountInductors
|
C&D TECHNOLOGIES INC C&DTechnologies CANDD[C&D Technologies]
|
AD1881 AD1881A AD1881AJST AD1881AJST-REEL AD1881AJ |
From old datasheet system AC’97 SoundMAX Codec AC97 SoundMAX Codec AC’97 SoundMAX® Codec AC7 SoundMAXCodec AC7 SoundMAX Codec
|
AD[Analog Devices]
|
AD1885 AD1885JST 3004 |
From old datasheet system AC’97 SoundMAX Codec AC97 SoundMAX Codec AC7 SoundMAX Codec
|
Analog Devices
|
TP3067 TP13064AJ |
u-Law CODEC IC,PCM CODEC,SINGLE,CMOS,DIP,20PIN,CERAMIC
|
ti
|
AD1836 2801 AD1836AS AD1836A |
Multi-Channel 96kHz Codec From old datasheet system Multichannel 96 kHz Codec
|
AD[Analog Devices]
|
STAC9220X3TAEYYX STAC9220X5TAEYYX STAC9221X3TAEYYX |
8-CHANNEL HIGH DEFINITION AUDIO CODEC PCM CODEC, PQFP48
|
Integrated Device Technology, Inc.
|
WM9704CFT_V WM9704M WM9704CFT/V |
4-Channel Surround Sound Codec AMC97 Audio and Modem Codec
|
WOLFSON[Wolfson Microelectronics plc]
|
AKD4538 AK4538VN AK4538 |
Low-power codec for portables, PDA 16Bit DS CODEC with MIC/HP/SPK-AMP
|
AKM Asahi Kasei Microsystems
|
TD62476P TD62477P TD62478P TD62479P AD62476P E0056 |
From old datasheet system 2CH PERIPHERAL AND/NAND/OR/NOR DRIVERS 2CH PERIPHERAL AND/NAND/OR/NOR/DRIVERS
|
TOSHIBA[Toshiba Semiconductor]
|
BD4269FJ-CE2 BD4269EFJ-C BD4269EFJ-CE2 |
5V LDO Regulator with 2ch RESET 300mA Output LDO Regulator with 2ch RESET
|
ROHM
|
STAC9721T STAC9721 STAC9723T |
Stereo AC 97 Codec With Multi-Codec Option
|
ETC
|
WM9705 WM9705SEFL_RV WM9705SEFT_V XWM9705EFL_RV XW |
From old datasheet system TOUCHSCREEN CONTROLLER WITH AC'97 INTERFACE AND AUDIO CODEC. Multimedia AC97 CODEC with Integrated Touch Screen Controller
|
WOLFSON[Wolfson Microelectronics plc]
|